Part Number Hot Search : 
00390 4805E NSHU590B 41001 L7808ABP DTC124EE E101JY 223989
Product Description
Full Text Search
 

To Download LNM316KA01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Numeric Display
1 Digit 14.4 mm (.6") Series
12.3 0.25
Unit: mm
Conventional Part No.
Global Prat No.
Lighting Color
10
8.0 0.25 3.5 Min.
Assignment Anode e Anode d Common Cathode Anode c Anode dp Anode b Anode a Common Cathode Anode f Anode g
10 9 8 7 6 a g c d
12345
2 3 4
Cathode d Common Anode Cathode c Cathode dp Cathode b Cathode a Common Anode Cathode f Cathode g
8.0
4.5
f e
b dp
5 6 7 8 9 10
*2.54 0.1
0.5
2.54 x 4 = 10.16
Lead wire dimension
s Absolute Maximum Ratings (Ta = 25C) Lighting Color Red Green
IFP
PD(mW) 60 60
IF(mA) 20 20
IFP(mA) 100 100
VR(V) 5 5
Topr(C) -25 +80 -25 +80
Tstg(C) -30 +85 -30 +85
duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LN516RA LN516RK LN516GA LN516GK Unit
10000 5000
L LN N51 51 6G 6G A K
Lighting Color Red Red Green Green -
Common Anode Cathode Anode Cathode -
IO / seg IO /d.p IF Typ Min Typ 5 600 250 250 5 600 250 250 10 1500 500 500 10 1500 500 500 cd cd cd mA
Typ 2.2 2.2 2.2 2.2 V
VF Max 2.8 2.8 2.8 2.8 V
P Typ 700 700 565 565 nm
Typ 100 100 30 30 nm
IF 20 20 20 20 mA
IR Max 10 10 10 10 A
0.3
Terminal Connection
Pin Assignment No. 1 Cathode e
*15.24 0.38
19.0 0.25
LN516RA ****************** LNM216AA01 ********** LN516RK ****************** LNM216KA01 ********** LN516GA ****************** LNM316AA01 ********** LN516GK ****************** LNM316KA01 **********
Red Red Green Green
14.4
6.5
VR 5 5 5 5 V
IO IF
100 50
IF VF
25
IF T a
20
Luminous Intensity
Forward Current
3000
30
Forward Current
15
1000 500 300
6RA LN51 6RK LN51
10 5 3
10
5
100 1
3
5
10
30
50
100
1
0 1.6 1.8 2.0 2.2 2.4
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
292


▲Up To Search▲   

 
Price & Availability of LNM316KA01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X